PART |
Description |
Maker |
PE7088-3 |
3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
|
Pasternack Enterprises, Inc.
|
ATN3580-12 ATN3580-05 ATN3580-04 |
Fixed Attenuator Pads 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR 14-Bit 4-Quadrant Multiplying (Current Output) DAC with Byte-wide Parallel Interface; Package: PLCC; No of Pins: 28; Temperature Range: Commercial 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Skyworks Solutions, Inc.
|
18N-0 18N-10F 18N-0M 18N-20F 6N-0F 6N-60 |
0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR ROHS COMPLIANT PACKAGE 0 MHz - 6000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
SUSUMU Co., Ltd.
|
HFR-RFA68DD-8DBGZ00 HFR-RFA55DD-5DBGZ00 HFR-RFA55D |
0 MHz - 1000 MHz RF/MICROWAVE FIXED ATTENUATOR SURFACE MOUNT PACKAGE 0 MHz - 4000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
IRC Advanced Film INTERNATIONAL RESISTIVE CO INC
|
PE9437 |
Precision 2.92mm Male to 2.92mm Female Adapter
|
Pasternack Enterprises, Inc.
|
ATT-578M-07-TNC-07 ATT-580M-34-TNC-07 |
0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR STAINLESS STEEL 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
60AS110-K40B1 51AS103-K30A4 53ASA02-K50A3 K02 |
0 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 1000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
ROSENBERGER HOCHFREQUENZTECHNIK GMBH & CO KG
|
A-0805-C-05DB A-1612-C-05DB A-1612-C-02DB A-0805-C |
0 MHz - 10000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
INTERNATIONAL MANUFACTURING SERVICES INC
|
HFR-PAT1220-2-C-T5 HFR-PAT1220-20-C-T1 HFR-PAT1220 |
0 MHz - 10000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 3000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
INTERNATIONAL RESISTIVE CO INC
|
PE9646 |
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
|
Pasternack Enterprises,...
|
KAT-3 |
Fixed Attenuator
|
Mini-Circuits
|
KAT-15 |
Fixed Attenuator
|
Mini-Circuits
|